Part Number Hot Search : 
587P8915 LTC40 XXXBB 23K014 CXXXXT AM4535C BCM857BV 2N7002W
Product Description
Full Text Search
 

To Download IRF7811AV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94009 IRF7811AV IRF7811AV
* * * * * N-Channel Application-Specific MOSFETs Ideal for CPU Core DC-DC Converters Low Conduction Losses Low Switching Losses Minimizes Parallel MOSFETs for high current applications
S S S G
1
8 7
A A D D D D
2
Description This new device employs advanced HEXFET Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make it ideal for high efficiency DC-DC converters that power the latest generation of microprocessors. The IRF7811AV has been optimized for all parameters that are critical in synchronous buck converters including RDS(on), gate charge and Cdv/dt-induced turn-on immunity. The IRF7811AV offers an extremely low combination of Qsw & RDS(on) for reduced losses in both control and synchronous FET applications. The package is designed for vapor phase, infra-red, convection, or wave soldering techniques. Power dissipation of greater than 2W is possible in a typical PCB mount application.
3
6
4
5
SO-8
T o p V ie w
DEVICE CHARACTERISTICS IRF7811AV RDS(on) QG Qsw Qoss 11m 17nC 6.7nC 8.1nC
Absolute Maximum Ratings Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain or Source Current (VGS 4.5V) Pulsed Drain Current Power Dissipation TA = 25C TL = 90C Junction & Storage Temperature Range Continuous Source Current (Body Diode) Pulsed Source Current Thermal Resistance Parameter Maximum Junction-to-Ambient Maximum Junction-to-Lead RJA RJL Max. 50 20 Units C/W C/W TJ, TSTG IS ISM TA = 25C TL = 90C IDM PD Symbol VDS VGS ID IRF7811AV 30 20 10.8 11.8 100 2.5 3.0 -55 to 150 2.5 50 C A W A Units V
www.irf.com
1
12/13/00
IRF7811AV
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage Static Drain-Source on Resistance Gate Threshold Voltage Drain-Source Leakage Current BVDSS RDS(on) VGS(th) IDSS 1.0 20 100 IGSS QG QG QGS1 QGS2 QGD Qsw Qoss RG td (on) tr td tf Ciss Coss - - -
(off)
Min 30
Typ - 11
Max - 14
Units V m V
Conditions VGS = 0V, ID = 250A VGS = 4.5V, ID = 15A VDS = VGS,I D = 250A VDS = 24V, VGS = 0 VDS = 24V, VGS = 0, Tj = 100C VGS = 20V VGS=5V, ID=15A, VDS=24V VGS = 5V, VDS< 100mV VDS = 16V, ID = 15A
Current*
Gate-Source Leakage Current Total Gate Chg Cont FET Total Gate Chg Sync FET Pre-Vth Gate-Source Charge Post-Vth Gate-Source Charge Gate to Drain Charge Switch Chg(Qgs2 + Qgd) Output Charge Gate Resistance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance
A nA
100 17 14 3.4 1.6 5.1 6.7 8.1 2.2 8.6 21 43 10 1801 723 46 - - - 12 26 21
nC
VDS = 16V, VGS = 0 VDD = 16V, I D = 15A ns VGS = 5V Clamped Inductive Load
pF
VDS = 16V, VGS = 0
Reverse Transfer Capacitance Crss
Source-Drain Rating & Characteristics
Parameter Diode Forward Voltage Reverse Recovery Charge Reverse Recovery Charge (with Parallel Schottky) VSD Qrr Qrr(s) 50 Min Typ Max 1.3 Units V nC Conditions IS = 15A, VGS = 0V di/dt ~ 700A/s VDS = 16V, VGS = 0V, IS = 15A 43 nC di/dt = 700A/s (with 10BQ040) VDS = 16V, VGS = 0V, IS = 15A
Notes:
Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400 s; duty cycle 2%. When mounted on 1 inch square copper board, t < 10 sec. Typ = measured - Qoss Typical values of RDS(on) measured at VGS = 4.5V, Q G, QSW and QOSS measured at VGS = 5.0V, IF = 15A.
2
www.irf.com
IRF7811AV
RDS(on) , Drain-to-Source On Resistance
2.0
I D = 15A
6
1.5
VGS , Gate-to-Source Voltage (V)
ID = 15A VDS = 16V
(Normalized)
4
1.0
2
0.5
0.0 -60 -40 -20 0 20 40 60 80 100
V GS = 4.5V
120 140 160 0 0 5 10 15 20
T J , Junction Temperature
( C)
Q G , Total Gate Charge (nC)
Figure 1. Normalized On-Resistance vs. Temperature
RDS(on) , Drain-to -Source On Resistance ()
0.020
Figure 2. Gate-to-Source Voltage vs. Typical Gate Charge
3000 V GS = 0V, f = 1 MHZ Ciss = C gs + C gd , Cds SHORTED Crss = C gd Coss = C ds + C gd
I D = 15A
0.018
2500
C, Capacitance(pF)
0.016
2000
Ciss Coss
0.014
1500
0.012
1000
0.010
500
Crss
0.008 3.0 6.0 9.0 12.0 15.0
0 1 10 100
V GS, Gate -to -Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Figure 3. Typical Rds(on) vs. Gate-to-Source Voltage
100
Figure 4. Typical Capacitance vs. Drain-to-Source Voltage
100
I D , Drain-to-Source Current (A)
T = 150 C J
10
ISD , Reverse Drain Current (A)
T = 150 C J
10
T = 25 C J
T = 25 C J
1
1
0.1 2.0 2.5 3.0 3.5
V DS = 15V 20s PULSE WIDTH 4.0 4.5 5.0
0.1 0.3 0.6 0.9
V GS= 0 V
1.2 1.5
V GS, Gate-to-Source Voltage (V)
V SD ,Source-to-Drain Voltage (V)
Figure 5. Typical Transfer Characteristics
Figure 6. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7811AV
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100 1000 P DM t1 t2
10
0.1 0.0001
t1, Rectangular Pulse Duration (sec)
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
50 u
8V
5 uH S c h o t tk y - 6 A VDD 450 125nS R e p e titi o n r a te :1 0 0 H z
50 u
16Vz500m W
M ic 4 4 5 2 B M
450
5 0 O h m s p ro b e
Vds 90%
10% V gs
t d(on) t f(v) t d(off) t r(v)
Switching Time Waveforms
Figure 8. Clamped Inductive load test diagram and switching waveform
4
www.irf.com
IRF7811AV
SO-8 Package Details
D -B-
D IM
5
IN C H E S M IN .05 32 .00 40 .01 4 .00 75 .18 9 .15 0 M AX .06 88 .00 98 .01 8 .009 8 .196 .15 7
M ILLIM E T E R S M IN 1.3 5 0.1 0 0.3 6 0.19 4.80 3.8 1 M AX 1.75 0.25 0.46 0.25 4.98 3.99
A
6 5 H 0 .2 5 (.0 1 0 ) M AM
5
8 E -A-
7
A1 B C D E e e1 H K
0 .1 0 (.0 0 4 ) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 4 5
.05 0 B A S IC .02 5 B A S IC .22 84 .01 1 0.16 0 .244 0 .01 9 .05 0 8
1.27 B A S IC 0 .635 B A S IC 5.8 0 0.2 8 0.4 1 0 6.20 0.48 1.27 8
-C B 8X 0 .2 5 (.0 1 0 ) A1 M CASBS
L
R E C O M M E N D E D F O O T P R IN T 0 .7 2 (.0 2 8 ) 8X
NOTES: 1 . D IM E N S IO N IN G A N D T O L E R A N C IN G P E R A N S I Y 1 4 .5 M -1 9 8 2 . 2 . C O N T R O L L IN G D IM E N S IO N : IN C H . 3 . D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 4 . O U T L IN E C O N F O R M S T O J E D E C O U T L IN E M S -0 1 2 A A . 5 D IM E N S IO N D O E S N O T IN C L U D E M O L D P R O T R U S IO N S M O L D P R O T R U S IO N S N O T T O E X C E E D 0 .2 5 (.0 0 6 ). 6 D IM E N S IO N S IS T H E L E N G T H O F L E A D F O R S O L D E R IN G T O A S U B S T R A T E ..
6 .4 6 ( .2 5 5 )
1 .7 8 (.0 7 0 ) 8X
1 .2 7 ( .0 5 0 ) 3X
SO-8 Part Marking
www.irf.com
5
IRF7811AV
SO-8 Tape and Reel
TER M IN AL N UM B ER 1
1 2.3 ( .484 ) 1 1.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
F EE D D IRE C TIO N
N OT E S : 1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R . 2 . AL L DIM E NS ION S ARE SHO W N IN M ILL IM E TER S (INC HE S ). 3 . OU TL IN E CO N FO RM S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.00 (12.992) M AX .
14.4 0 ( .566 ) 12.4 0 ( .488 ) N O T ES : 1 . CO NT RO LL ING D IM EN SIO N : M ILLIME TER . 2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/00
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7811AV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X